Part Number Hot Search : 
PC25005 IN74H 18225C 13020 84064 PN8420 MT48LC8 SR503
Product Description
Full Text Search
 

To Download DF005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Phase Bridge Rectifiers
COMCHIP
www.comchiptech.com
DF005M thru DF10M
Reverse Voltage: 50 to 1000V Forward Current: 1.0A DF-M
Features
- Plastic package used has Underwriters Laboratory Flammability Classification 94V-0 - Glass passivated chip junction - High surge overload rating of 50 Amperes peak - High temperature soldering guaranteed: 260C/10 seconds, at 5 lbs. (2.3kg) tension
0.255 (6.5) 0.315 (8.00) 0.245 (6.2) 0.285 (7.24)
0.045 (1.14) 0.035 (0.89) 0.335 (8.51) 0.320 (8.12)
Mechanical Data
- Case: Molded plastic body over passivated junctions - Terminals: Plated leads solderable per MILSTD-750, Method 2026 - Mounting Position: Any - Weight: 0.014 oz., 0.4 g
0.130 (3.3) 0.120 (3.05)
0.080 (2.03) 0.050 (1.27)
0.023 (0.58) 0.018 (0.46) 0.205 (5.2) 0.195 (5.0)
0.185 (4.69) 0.150 (3.81) 0.075 (1.90) 0.055 (1.39)
0.013 (3.3) 0.0086 (0.22)
0.350 (8.9) 0.300 (7.6)
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics
Parameter Device Marking Code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Max. average forward output rectified current at TA=40C Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t < 8.3ms) Typical thermal resistance per leg (NOTE 1) Operating junction and storage temperature range VRRM VRMS VDC IF(AV) IFSM I2t RJA RJL TJ, TSTG DF Symbol 005M
Ratings at 25C ambient temperature unless otherwise specified.
DF 01M
DF 02M
DF 04M
DF 06M
DF 08M
DF 10M
Unit
DF005 DF01 DF02 DF04 DF06 DF08 DF10 50 35 50 100 70 100 200 140 200 400 280 400 1.0 50 10 40 15 -55 to +150 600 420 600 800 560 800 1000 700 1000 V V V A A A2sec C/W C
Electrical Characteristics
Parameter
Ratings at 25C ambient temperature unless otherwise specified.
DF Symbol 005M VF IR CJ
DF 01M
DF 02M
DF 04M 1.1 5.0 500 25
DF 06M
DF 08M
DF 10M
Unit V A pF
Maximum instantaneous forward voltage drop per leg at 1.0A Maximum reverse current at rated DC blocking voltage per leg TA = 25C TA = 125C
Typical junction capacitance per leg at 4.0V, 1MHz
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13 x 13mm) copper pads
MDS0312008A
Page 1
Single-Phase Bridge Rectifiers
COMCHIP
www.comchiptech.com
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Average Forward Output Current (A)
60 HZ Resistive or Inductive Load
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current Per Leg
Average Forward Output Current (A)
60 50
1.0
TJ = 150C Single Sine-Wave (JEDEC Method)
40 30 20
0.5
P.C.B mounted on 0.51 x 0.51" (13 x 13mm) Copper pads with 0.06" (1.5mm) lead length
0 20 40 60 80 100 120 140 150
10
1.0 Cycle
0 1 10 100
Ambient Temperature (C)
Number of Cycles at 60 Hz
Fig. 3 - Typical Forward Characteristics Per Leg
Instantaneous Reverse Current (A)
10 100
Fig. 4 - Typical Reverse Leakage Characteristics Per Leg
Instantaneous Forward Current (A)
10
1
TJ = 125C
1
0.1
TJ = 25C Pulse width = 300s 1% Duty Cycle
0.01 0.4
0.1
TJ = 25C
0.01 0 20 40 60 80 100
0.6
0.8
1.0
1.2
1.4
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (V)
Fig. 5 - Typical Junction Capacitance Per Leg
Transient Thermal Impedance (C/W)
100 100
Fig. 6 - Typical Transient Thermal Impedance
Junction Capacitance (pF)
TJ = 25 C f = 1.0MHz Vsig = 50mVp-p
10
10
1
1
1 10 100
0.1 0.01 0.1 1 10 100
Reverse Voltage (V)
t, Heating Time (sec.)
MDS0312008A
Page 2


▲Up To Search▲   

 
Price & Availability of DF005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X